Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 15Page - Renesas Technology Corp 7702 Datasheet HTML 16Page - Renesas Technology Corp 7702 Datasheet HTML 17Page - Renesas Technology Corp 7702 Datasheet HTML 18Page - Renesas Technology Corp 7702 Datasheet HTML 19Page - Renesas Technology Corp 7702 Datasheet HTML 20Page - Renesas Technology Corp 7702 Datasheet HTML 21Page - Renesas Technology Corp 7702 Datasheet HTML 22Page - Renesas Technology Corp 7702 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 217 page
background image
DESCRIPTION
7702/7703 Group User’s Manual
1–5
1.2 Pin configuration
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Outline 80P6D-A
P86/RxD1
P87/TxD1
P00/A0
P01/A1
P02/A2
P03/A3
P04/A4
P05/A5
P06/A6
P07/A7
P10/A8/D8
P11/A9/D9
P12/A10/D10
P13/A11/D11
P14/A12/D12
P15/A13/D13
P16/A14/D14
P17/A15/D15
P20/A16/D0
P21/A17/D1
60
59
58
75 74 73 72 71
69 68 67 66 65
70
80 79 78 77 76
64 63 62 61
30
26 27 28 29
31 32 33 34 35 36
21
23
22
24 25
37 38 39 40
P66/TB1IN
P65/TB0IN
P64/INT2
P63/INT1
P62/INT0
P61/TA4IN
P60/TA4OUT
P57/TA3IN
P56/TA3OUT
P55/TA2IN
P54/TA2OUT
P53/TA1IN
P52/TA1OUT
P51/TA0IN
P50/TA0OUT
P47
P43
P44
P45
P46
V : The M37702M2BXXXHP have the pin configuration shifted to 2 pins assignment
from the M37702M2BXXXFP.
V
V
1
2
3
4
5
Fig. 1.2.2 M37702M2BXXXHP pin configuration (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com