Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 44Page - Renesas Technology Corp 7702 Datasheet HTML 45Page - Renesas Technology Corp 7702 Datasheet HTML 46Page - Renesas Technology Corp 7702 Datasheet HTML 47Page - Renesas Technology Corp 7702 Datasheet HTML 48Page - Renesas Technology Corp 7702 Datasheet HTML 49Page - Renesas Technology Corp 7702 Datasheet HTML 50Page - Renesas Technology Corp 7702 Datasheet HTML 51Page - Renesas Technology Corp 7702 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 217 page
background image
7702/7703 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–22
2.5.1 Single-chip mode
Use this mode when not using external devices. In this mode, ports P0 to P8 function as programmable
I/O ports (when using an internal peripheral device, they function as its I/O pins).
In the single-chip mode, only the internal area (SFR, internal RAM, and internal ROM) can be accessed.
2.5.2 Memory expansion and microprocessor modes
Use these modes when connecting devices externally. In these modes, an external device can be connected
to any required location in the 16-Mbyte access space. For access to external devices, refer to “Chapter
12. CONNECTION WITH EXTERNAL DEVICES.”
The memory expansion and microprocessor modes have the same functions except for the following:
•In the microprocessor mode, access to the internal ROM area is disabled by force, and the internal ROM
area is handled as an external area.
•In the microprocessor mode, port P42 always functions as the clock
φ1 output pin.
In the memory expansion and microprocessor modes, P0 to P3, P40, and P41 when the external data bus
width is 16 bits function as the I/O pins for the signals required for accessing external devices. Consequently,
these pins cannot be used as programmable I/O ports.
If an external device is connected with an area with which the internal area overlaps, when this overlapping
area is read, data in the internal area is taken in the CPU, but data in the external area is not taken in.
If data is written to an overlapping area, the data is written to the internal area, and a signal is output
externally at the same timing as writing to the internal area.
Figure 2.5.2 shows a pin configuration in each processor mode. Table 2.5.1 lists the functions of P0 to P4
in each processor mode.
For the function of each pin, refer to section “1.3 Pin description,” “Chapter 3. INPUT/OUTPUT PINS,”
each descriptions of internal peripheral devices and “Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
2.5 Processor modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com