Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 94Page - Renesas Technology Corp 7702 Datasheet HTML 95Page - Renesas Technology Corp 7702 Datasheet HTML 96Page - Renesas Technology Corp 7702 Datasheet HTML 97Page - Renesas Technology Corp 7702 Datasheet HTML 98Page - Renesas Technology Corp 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–10
5.3 Timer mode
Fig. 5.3.1 Structures of timer Ai mode register and timer Ai register in timer mode
b7
b0 b7
b0
(b15)
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by n + 1.
When reading, the register indicates the
counter value.
Undefined
RW
Gate function select bits
Pulse output function select bit
1
Operating mode select bits
Bit name
Functions
b7 b6
b5 b4 b3 b2 b1 b0
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
0 0 : Timer mode
0 : No pulse output
(TAiOUT pin functions as a programmable
I/O port.)
1 : Pulse output
(TAiOUT pin functions as a pulse output
pin.)
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b4 b3
0
0
0 0 : No gate function
0 1 : (TAiIN pin functions as a prog-
rammable I/O port.)
1 0 : Gate function
(Counter counts only while TAiIN
pin’s input signal is “L” level.)
1 1 : Gate function
(Counter counts only while TAiIN
pin’s input signal is “H” level.)
Bit
4
At reset
RW
0
2
0
RW
0
RW
0
RW
3
0
RW
0
RW
5
0
RW
6
7
0
RW
0
RW
Fix this bit to “0” in the timer mode.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com