Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 98Page - Renesas Technology Corp 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–14
5.3 Timer mode
5.3.3 Operation in timer mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source.
 When the counter underflows, the reload register’s contents are reloaded and counting continues.
Ž The timer Ai interrupt request bit is set to “1” when the counter underflows in . The interrupt request
bit remains set to “1” until the interrupt request is accepted or the interrupt request bit is cleared to “0”
by software.
Figure 5.3.4 shows an example of operation in the timer mode.
Fig. 5.3.4 Example of operation in timer mode (without pulse output and gate functions)
Stops counting.
Restarts counting.
FFFF16
n
000016
Time
Count start bit
Timer Ai interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when interrupt request is
accepted or cleared by software.
Set to “1” by software.
Starts counting.
“0”
“0”
1 / fi !(n+1)
fi = frequency of count source
(f2, f16, f64, f512 )
Cleared to “0” by software.
Set to “1” by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com