Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp 7702 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–16
5.3 Timer mode
FFFF16
n
000016
Time
“1”
“1”
“0”
“0”
Œ Starts counting.
n = Reload register’s contents
 Stops counting.
Set to “1” by software.
Count start bit
TAiIN pin’s
input signal
Count valid
level
Timer Ai interrupt
request bit
Cleared to “0” when
interrupt request is
accepted or cleared
by software.
Œ The counter counts when the count start bit = “1” and the TAiIN pin’s input signal is at the count valid
level.
 The counter stops counting while the TAiIN pin’s input signal is not at the count valid level, and the
counter value is retained.
Invalid level
Fig. 5.3.5 Example of operation selecting gate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com