Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp 7702 Datasheet HTML 108Page - Renesas Technology Corp 7702 Datasheet HTML 109Page - Renesas Technology Corp 7702 Datasheet HTML 110Page - Renesas Technology Corp 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–20
5.4 Event counter mode
Item
Count source
Count operation
Divide ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN, TAjOUT (j = 2 to 4) pin function
Read from timer Aj register
Write to timer Aj register
Table 5.4.2 Specifications of event counter mode (when using two-phase pulse signal processing
function with timers A2, A3, and A4)
(n + 1)
1
1
n: Timer Aj register setting value
Specifications
External signal (two-phase pulse) input to the TAjIN or TAjOUT pin (j =
2 to 4)
q Up-count or down-count can be switched by external signal (two-
phase pulse).
q When the counter overflows or underflows, reload register’s contents
are reloaded and counting is continued.
q For down-count
q For up-count
When count start bit is set to “1.”
When count start bit is cleared to “0.”
When the counter overflows or underflows.
Two-phase pulse input
Counter value can be read out.
q While counting is stopped
When a value is written to timer A2, A3, or A4 register, it is written
to both reload register and counter.
q While counting is in progress
When a value is written to timer A2, A3, or A4 register, it is written
to only reload register. (Transferred to counter at next reload time.)
(FFFF16 – n + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com