Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 108Page - Renesas Technology Corp 7702 Datasheet HTML 109Page - Renesas Technology Corp 7702 Datasheet HTML 110Page - Renesas Technology Corp 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp 7702 Datasheet HTML 113Page - Renesas Technology Corp 7702 Datasheet HTML 114Page - Renesas Technology Corp 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–24
5.4 Event counter mode
Timer Ai interrupt
request bit
FFFF16
n
000016
Time
Count start bit “1”
“1”
n = Reload register’s contents
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Up-down bit “1”
Note: The above applies when the up-down bit’s contents are selected as the up-down switching factor (i.e., up-down
switching factor select bit = “0” ).
“0”
“0”
“0”
Set to “1” by software.
5.4.2 Operation in event counter mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source.
 The counter counts the count source’s valid edges.
Ž When the counter underflows or overflows, the reload register’s contents are reloaded and counting
continues.
 The timer Ai interrupt request bit is set to “1” when the counter underflows or overflows in Ž.
The interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 5.4.4 shows an example of operation in the event counter mode.
Fig. 5.4.4 Example of operation in event counter mode (without pulse output function and two-phase
pulse signal processing function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com