Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp 7702 Datasheet HTML 108Page - Renesas Technology Corp 7702 Datasheet HTML 109Page - Renesas Technology Corp 7702 Datasheet HTML 110Page - Renesas Technology Corp 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp 7702 Datasheet HTML 113Page - Renesas Technology Corp 7702 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–22
5.4 Event counter mode
5.4.1 Setting for event counter mode
Figures 5.4.2 and 5.4.3 show an initial setting example for registers relevant to the event counter mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “Chapter 4. INTERRUPTS.”
Fig. 5.4.2 Initial setting example for registers relevant to event counter mode (1)
V The counter divides the count source frequency by n + 1
when down-counting, or by FFFF16 – n + 1 when up-
counting.
Continue to Figure 5.4.3 on next page.
b7
b0
01
0
Selecting event counter mode and each function
Timer Ai mode register (i = 0 to 4)
(Addresses 5616 to 5A16)
Pulse output function select bit
0: No pulse output
1: Pulse output
Count polarity select bit
0: Counts at falling edge of external signal.
1: Counts at rising edge of external signal.
Up-down switching factor select bit
0: Contents of up-down register
1: Input signal to TAiOUT pin
! : It may be either “0” or “1.”
Selection of event counter mode
Setting divide ratio
b7
b0
Can be set to
“0000 16” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
!!
b7
b0
Setting up–down register
Up–down register (Address 4416)
Timer A0 up–down bit
Timer A1 up–down bit
Timer A2 up–down bit
Timer A3 up–down bit
Timer A4 up–down bit
Timer A2 two–phase pulse signal processing select bit
Timer A3 two–phase pulse signal processing select bit
Timer A4 two–phase pulse signal processing select bit
Set the corresponding up–down bit when the contents of
the up-down register are selected as the up-down
sw itching factor.
Set the corresponding bit to “1” when the two–phase pulse
signal processing function is selected for timers A2 to A4.
0: Down–count
1: Up–count
0: Two–phase pulse signal processing
function disabled
1: Two–phase pulse signal processing
function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com