| Electronic Components Datasheet Search |
|
7702 Datasheet(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7702 Datasheet(HTML) 107 Page - Renesas Technology Corp |
|
107 / 217 page ![]() TIMER A 7702/7703 Group User’s Manual 5–19 5.4 Event counter mode (n + 1) 1 1 n: Timer Ai register setting value 5.4 Event counter mode In this mode, the timer counts an external signal. (Refer to Tables 5.4.1 and 5.4.2.) Figure 5.4.1 shows the structures of the timer Ai mode register and timer Ai register in the event counter mode. Table 5.4.1 Specifications of event counter mode (when not using two-phase pulse signal processing function) (FFFF16 – n + 1) Item Count source Count operation Divide ratio Count start condition Count stop condition Interrupt request occurrence timing TAiIN pin function TAiOUT pin function Read from timer Ai register Write to timer Ai register Specifications q External signal input to the TAiIN pin q The count source’s valid edge can be selected between the falling and the rising edges by software. q Up-count or down-count can be switched by external signal or software. q When the counter overflows or underflows, reload register’s contents are reloaded and counting continues. q For down-count q For up-count When count start bit is set to “1.” When count start bit is cleared to “0.” When the counter overflows or underflows. Count source input Programmable I/O port, pulse output, or up-count/down-count switch signal input Counter value can be read out. q While counting is stopped When a value is written to timer Ai register, it is written to both reload register and counter. q While counting is in progress When a value is written to timer Ai register, it is written to only reload register. (Transferred to counter at next reload time.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |