Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 74Page - Renesas Technology Corp 7702 Datasheet HTML 75Page - Renesas Technology Corp 7702 Datasheet HTML 76Page - Renesas Technology Corp 7702 Datasheet HTML 77Page - Renesas Technology Corp 7702 Datasheet HTML 78Page - Renesas Technology Corp 7702 Datasheet HTML 79Page - Renesas Technology Corp 7702 Datasheet HTML 80Page - Renesas Technology Corp 7702 Datasheet HTML 81Page - Renesas Technology Corp 7702 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–16
4.7.1 Change in IPL at acceptance of interrupt request
When an interrupt request is accepted, the processor interrupt priority level (IPL) is replaced with the
interrupt priority level of the accepted interrupt. This results in easy control of multiple interrupts. (Refer
to section “4.9 Multiple interrupts.”)
When at reset or the watchdog timer or the software interrupt is accepted, the value shown in Table 4.7.1
is set in the IPL.
Table 4.7.1 Change in IPL at interrupt request acceptance
Change in IPL
Level 0 (“0002”) is set.
Level 7 (“1112”) is set.
No change
No change
Interrupt priority level of the accepted interrupt request is set.
Interrupt source
Reset
Watchdog timer
Zero division
BRK instruction
Other interrupts
4.7 Sequence from acceptance of interrupt request to execution of interrupt routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com