Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 66Page - Renesas Technology Corp 7702 Datasheet HTML 67Page - Renesas Technology Corp 7702 Datasheet HTML 68Page - Renesas Technology Corp 7702 Datasheet HTML 69Page - Renesas Technology Corp 7702 Datasheet HTML 70Page - Renesas Technology Corp 7702 Datasheet HTML 71Page - Renesas Technology Corp 7702 Datasheet HTML 72Page - Renesas Technology Corp 7702 Datasheet HTML 73Page - Renesas Technology Corp 7702 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–8
4.3.1 Interrupt disable flag (I)
All maskable interrupts can be disabled by this flag. When this flag is set to “1,” all maskable interrupts
are disabled; when the flag is cleared to “0,” those interrupts are enabled. Because this flag is set to “1”
at reset, clear the flag to “0” when enabling interrupts.
4.3.2 Interrupt request bit
When an interrupt request occurs, this bit is set to “1.” The bit remains set to “1” until the interrupt request
is accepted, and it is cleared to “0” when the interrupt request is accepted.
This bit also can be set to “0” or “1” by software. Use the SEB or CLB instruction to set this bit.
____
____
For the INTi interrupt request bit (i = 0 to 2), when using the INTi interrupt with level sense, the bit is
ignored.
4.3.3 Interrupt priority level select bits and processor interrupt priority level (IPL)
The interrupt priority level select bits are used to determine the priority level of each interrupt. Use the SEB
or CLB instruction to set these bits.
When an interrupt request occurs, its interrupt priority level is compared with the processor interrupt priority
level (IPL). The requested interrupt is enabled only when the comparison result meets the following condition.
Accordingly, an interrupt can be disabled by setting its interrupt priority level to 0.
Each interrupt priority level > Processor interrupt priority level (IPL)
Table 4.3.1 lists the setting of interrupt priority level, and Table 4.3.2 lists the interrupt enabled level
corresponding to IPL contents.
All the interrupt disable flag (I), interrupt request bit, interrupt priority level select bits, and processor
interrupt priority level (IPL) are independent of one another; they do not affect one another. Interrupt
requests are accepted only when the following conditions are satisfied.
•Interrupt disable flag (I) = “0”
•Interrupt request bit = “1”
•Interrupt priority level > Processor interrupt priority level (IPL)
4.3 Interrupt control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com