Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 53Page - Renesas Technology Corp 7702 Datasheet HTML 54Page - Renesas Technology Corp 7702 Datasheet HTML 55Page - Renesas Technology Corp 7702 Datasheet HTML 56Page - Renesas Technology Corp 7702 Datasheet HTML 57Page - Renesas Technology Corp 7702 Datasheet HTML 58Page - Renesas Technology Corp 7702 Datasheet HTML 59Page - Renesas Technology Corp 7702 Datasheet HTML 60Page - Renesas Technology Corp 7702 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 217 page
background image
7702/7703 Group User’s Manual
3–3
INPUT/OUTPUT PINS
3.1.1 Direction register
This register determines the input/output direction of the programmable I/O port. Each bit of this register
corresponds one for one to each pin of the microcomputer.
Figure 3.1.2 shows the structure of port Pi (i = 0 to 8) direction register.
3.1 Programmable I/O ports
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
Port Pi0 direction bit
Port Pi2 direction bit
Port Pi3 direction bit
Port Pi4 direction bit
Port Pi6 direction bit
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
Port Pi5 direction bit
Port Pi direction register (i = 0 to 8)
(Addresses 416, 516, 816, 916, C16, D16, 1016, 1116, 1416)
b1
b0
b2
b3
b4
b5
b6
b7
Port Pi1 direction bit
Port Pi7 direction bit
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Notes 1: Bits 7 to 4 of the port P3 direction register cannot be written (they may be either “0” or “1”) and are
fixed to “0” at reading.
2: In the memory expansion mode or the microprocessor mode, fix bits 0 and 1 of the port P4 direction
register to “0”.
7703 Group
Fix the following bits which do not have the corresponding pin to “1”.
• Bit 3 of port P3 direction register
• Bits 3 to 6 of port P4 direction register
• Bits 0, 1, 6, and 7 of port P6 direction register
• Bits 3 to 6 of port P7 direction register
• Bits 4 and 5 of port P8 direction register
Bit
Corresponding
pin
b7
b6
b5
b4
b3
b2
b1
b0
Pi7
Pi6
Pi5
Pi4
Pi3
Pi2
Pi1
Pi0
Fig. 3.1.2 Structure of port Pi (i = 0 to 8) direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com