Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 16Page - Renesas Technology Corp 7702 Datasheet HTML 17Page - Renesas Technology Corp 7702 Datasheet HTML 18Page - Renesas Technology Corp 7702 Datasheet HTML 19Page - Renesas Technology Corp 7702 Datasheet HTML 20Page - Renesas Technology Corp 7702 Datasheet HTML 21Page - Renesas Technology Corp 7702 Datasheet HTML 22Page - Renesas Technology Corp 7702 Datasheet HTML 23Page - Renesas Technology Corp 7702 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 217 page
background image
DESCRIPTION
7702/7703 Group User’s Manual
1–6
1.3 Pin description
Tables 1.3.1 to 1.3.3 list the pin description. However, the pin description in the EPROM mode of the built-
in PROM version is described to section “19.2 EPROM mode.”
7703 Group
The 7703 Group does not have part of pins. Refer to “Chapter 20. 7703 GROUP.”
Table 1.3.1 Pin description (1)
1.3 Pin description
Functions
Supply 5 V ±10 %
V to Vcc pin and 0 V to Vss pin.
This pin controls the processor mode.
[Single-chip mode] [Memory expansion mode]
Connect to Vss pin.
[Microprocessor mode]
Connect to Vcc pin.
The microcomputer is reset when supplying “L” level
to this pin.
These are I/O pins of the internal clock generating
circuit. Connect a ceramic resonator or quartz-crystal
oscillator between pins XIN and XOUT. When using an
external clock, the clock source should be input to XIN
pin and XOUT pin should be left open.
_
This pin outputs E signal.
Data/instruction code read or data write is performed
when output from this pin is “L” level.
[Single-chip mode]
Connect to Vss.
[Memory expansion mode] [Microprocessor mode]
Input level to this pin determines whether the external
data bus has a 16-bit width or 8-bit width. The width
is 16 bits when the level is “L”, and 8 bits when the
level is “H”.
The power supply pin for the A-D converter. Externally
connect AVcc to Vcc pin.
The power supply pin for the A-D converter. Externally
connect AVss to Vss pin.
This is a reference voltage input pin for the A-D converter.
Pin
Vcc, Vss
CNVss
______
RESET
XIN
XOUT
_
E
BYTE
AVcc
AVss
VREF
Input/Output
Input
Input
Input
Output
Output
Input
Input
V : In the low voltage version, supply 2.7–5.5V to Vcc.
Name
Power supply
CNVss
Reset input
Clock input
Clock output
Enable output
Bus width selection
input
Analog supply
Reference voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com