Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 95Page - Renesas Technology Corp 7702 Datasheet HTML 96Page - Renesas Technology Corp 7702 Datasheet HTML 97Page - Renesas Technology Corp 7702 Datasheet HTML 98Page - Renesas Technology Corp 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–11
5.3 Timer mode
5.3.1 Setting for timer mode
Figures 5.3.2 and 5.3.3 show an initial setting example for registers relevant to the timer mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to section “Chapter 4.
INTERRUPTS.”
Fig. 5.3.2 Initial setting example for registers relevant to timer mode (1)
Note : Counter divides the count source frequency by n + 1.
Setting divide ratio
b7
b0
Can be set to “000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Continue to Figure 5.3.3 on next page.
b7
b0
Pulse output function select bit
0: No pulse output.
1: Pulses output.
00
Selecting timer mode and each function
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
Count source select bits
0 0: f2
0 1: f16
1 0: f64
1 1: f512
b7 b6
Gate function select bits
0 0:
0 1:
1 0: Gate function (Counter counts only while TAiIN pin’s input signal is “L” level.)
1 1: Gate function (Counter counts only while TAiIN pin’s input signal is “H” level.)
b4 b3
Selection of timer mode
No gate function
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com