Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 97Page - Renesas Technology Corp 7702 Datasheet HTML 98Page - Renesas Technology Corp 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–13
5.3 Timer mode
5.3.2 Count source
In the timer mode, the count source select bits (bits 6 and 7 at addresses 5616 to 5A16) select the count
source. Table 5.3.2 lists the count source frequency.
Table 5.3.2 Count source frequency
Count source
select bits
b7
b6
00
01
10
11
Count source frequency
f(XIN) = 8 MHz
f(XIN) = 16 MHz
f(XIN) = 25 MHz
4 MHz
8 MHz
12.5 MHz
500 kHz
1 MHz
1.5625 MHz
125 kHz
250 kHz
390.625 kHz
15625 Hz
31250 Hz
48.8281 kHz
Count source
f2
f16
f64
f512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com