Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp 7702 Datasheet HTML 108Page - Renesas Technology Corp 7702 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–17
5.3 Timer mode
(2) Pulse output function
The pulse output function is selected by setting the pulse output function select bit (bit 2 at addresses
5616 to 5A16) to “1.” When this function is selected, the TAiOUT pin is forcibly set for the pulse output
pin regardless of the corresponding bits of the port P5 and port P6 direction registers. The TAiOUT pin
outputs pulses of which polarity is inverted each time the counter underflows.
When the count start bit (address 4016) is “0” (count stopped), the TAiOUT pin outputs “L” level. Figure
5.3.6 shows an example of operation selecting the pulse output function.
Fig. 5.3.6 Example of operation selecting pulse output function
FFFF16
n
000016
Time
Count start bit
Timer Ai interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Pulse output from
TAiout pin
“H”
“0”
“L”
“0”
Set to “1” by software.
Cleared to “0” by software.
Starts counting.
Restarts
counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com