Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 78Page - Renesas Technology Corp 7702 Datasheet HTML 79Page - Renesas Technology Corp 7702 Datasheet HTML 80Page - Renesas Technology Corp 7702 Datasheet HTML 81Page - Renesas Technology Corp 7702 Datasheet HTML 82Page - Renesas Technology Corp 7702 Datasheet HTML 83Page - Renesas Technology Corp 7702 Datasheet HTML 84Page - Renesas Technology Corp 7702 Datasheet HTML 85Page - Renesas Technology Corp 7702 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–20
___
4.10 External interrupts (INTi interrupt)
___
An external interrupt request occurs by input signals to the INTi (i = 0 to 2) pin. The occurrence factor of
interrupt request can be selected by the level sense/edge sense select bit and the polarity select bit (bits
___
5 and 4 at addresses 7D16 to 7F16) shown in Figure 4.10.1. Table 4.10.1 lists the occurrence factor of INTi
interrupt request.
___
___
When using P62/INT0 to P64/INT2 pins as input pins of external interrupts, set the corresponding bits at
address 1016 (port P6 direction register) to “0.” (Refer to Figure 4.10.2.)
___
The signals input to the INTi pin require “H” or “L” level width of 250 ns or more independent of the f(XIN).
___
___
Additionally, even when using the pins P62/INT0 to P64/INT2 as the input pins of external interrupt, the user
can obtain the pin’s state by reading bits 2 to 4 at address E16 (port P6 register).
Note: When selecting an input signal’s falling or “L” level as the occurrence factor of an interrupt request,
make sure that the input signal is held “L” for 250 ns or more. When selecting an input signal’s rising
or “H” level as that, make sure that the input signal is held “H” for 250 ns or more.
___
4.10 External interrupts (INTi interrupt)
___
Table 4.10.1 Occurrence factor of INTi interrupt request
b4
0
1
0
1
b5
0
0
1
1
___
INTi interrupt request occurrence factor
___
___
The INTi interrupt request occurs by always detecting the INTi pin’s state. Accordingly, when the user does
___
___
not use the INTi interrupt, set the INTi interrupt’s priority level to level 0.
___
Interrupt request occurs at falling of the signal input to the INTi pin (edge sense).
___
Interrupt request occurs at rising of the signal input to the INTi pin (edge sense).
___
Interrupt request occurs while the INTi pin level is “H” (level sense).
___
Interrupt request occurs while the INTi pin level is “L” (level sense).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com