Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 29Page - Renesas Technology Corp 7702 Datasheet HTML 30Page - Renesas Technology Corp 7702 Datasheet HTML 31Page - Renesas Technology Corp 7702 Datasheet HTML 32Page - Renesas Technology Corp 7702 Datasheet HTML 33Page - Renesas Technology Corp 7702 Datasheet HTML 34Page - Renesas Technology Corp 7702 Datasheet HTML 35Page - Renesas Technology Corp 7702 Datasheet HTML 36Page - Renesas Technology Corp 7702 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 217 page
background image
7702/7703 Group User’s Manual
2.1 Central processing unit
CENTRAL PROCESSING UNIT (CPU)
2–7
Direct page area when DPR = “000016”
Direct page area when DPR = “012316”
(Note 1)
Direct page area when DPR = “FF1016”
(Note 2)
Bank 016
Bank 116
016
FF16
12316
22216
FF1016
1000F16
016
FFFF16
1000016
Notes 1 : The number of cycles required to generate an address is 1 cycle smaller when the
low-order 8 bits of the DPR are “0016.”
2: The direct page area spans the space across banks 016 and 116 when the DPR is
“FF0116” or more.
Fig. 2.1.4 Setting example of direct page area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com