Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7702 Datasheet HTML 1Page - Renesas Technology Corp 7702 Datasheet HTML 2Page - Renesas Technology Corp 7702 Datasheet HTML 3Page - Renesas Technology Corp 7702 Datasheet HTML 4Page - Renesas Technology Corp 7702 Datasheet HTML 5Page - Renesas Technology Corp 7702 Datasheet HTML 6Page - Renesas Technology Corp 7702 Datasheet HTML 7Page - Renesas Technology Corp 7702 Datasheet HTML 8Page - Renesas Technology Corp 7702 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 217 page
background image
1
BEFORE USING THIS MANUAL
1. Constitution
This user’s manual consists of the following chapters. Refer to the chapters relevant to used products
and the processor mode.
qChapter 1. DESCRIPTION to Chapter 17. APPLICATION
Functions which are common to all products and all processor modes are explained, using the
M37702M2BXXXFP as an example.
When there are functional differences between the low voltage version, PROM version and the 7703
Group, the referential section is indicated. Refer to that section about differences and to “Chapter. 1
to Chapter. 17” about the common functions.
qChapter 18. LOW VOLTAGE VERSION
Refer to this chapter when using the products of which difference of electrical characteristics identification
code (see on page 1–2) is “L,” the M37702M2LXXXGP for example. This chapter mainly explains the
differences from the M37702M2BXXXFP, using the M37702M2LXXXGP as an example.
qChapter 19. PROM VERSION
Refer to this chapter when using the products of which memory identification code (see on page 1–
2) is “E,” the M37702E2BXXXFP for example. This chapter mainly explains the differences from the
M37702M2BXXXFP, using the M37702E2BXXXFP as an example.
qChapter 20. 7703 GROUP
Refer to this chapter when using the 7703 Group. This chapter mainly explains the differences from
the 7702 Group, using the M37703M2BXXXSP as an example.
qAppendix
Useful information for 7702 and 7703 Groups usage is shown.
2. Remark
q25 MHz version and 16 MHz version
The 25 MHz version products are distinguished from the 16 MHz version products in part of Chapters
as the case may be. Refer to it as follows:
•Products of which difference of electrical characteristics identification code is “B,” M37702M2BXXXFP
as an example ..................................................... Column of “25 MHz version”
•Products of which difference of electrical characteristics identification code is “A,” M37702M2AXXXFP
as an example ..................................................... Column of “16 MHz version”
qProduct expansion
See the latest data book and data sheets. Additionally, ask the contact addresses on the last page.
qElectrical characteristics
See also the latest data book or data sheet.
qDevelopment support tools
See the latest data book and data sheet.
qSoftware
See “7700 Family Software Manual.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com