Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 12Page - Renesas Technology Corp 7702 Datasheet HTML 13Page - Renesas Technology Corp 7702 Datasheet HTML 14Page - Renesas Technology Corp 7702 Datasheet HTML 15Page - Renesas Technology Corp 7702 Datasheet HTML 16Page - Renesas Technology Corp 7702 Datasheet HTML 17Page - Renesas Technology Corp 7702 Datasheet HTML 18Page - Renesas Technology Corp 7702 Datasheet HTML 19Page - Renesas Technology Corp 7702 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 217 page
background image
DESCRIPTION
7702/7703 Group User’s Manual
1–2
The 16-bit single-chip microcomputers 7702 Group and 7703 Group are suitable for office, business, and
industrial equipment controllers that require high-speed processing of large amounts of data.
These microcomputers develop with the M37702M2BXXXFP as the base chip. This manual describes the
functions about the M37702M2BXXXFP unless there is a specific difference and refers to the M37702M2BXXXXFP
as “M37702.”
Notes 1: About details concerning each microcomputer’s development status of the 7702/7703 Group,
inquire of “CONTACT ADDRESSES FOR FURTHER INFORMATION” described last.
Notes 2: How the 7702/7703 Group’s type name see is described below.
M 3 77 02 M 2 B XXX FP
Mitsubishi integrated prefix
Represent an original single-chip microcomputer
Series designation using 2 digits
Circuit function identification code using 2 digits
Memory identification code using a digit
M: Mask ROM
E: EPROM
S: External ROM
Memory size identification code using a digit
Difference of electrical characteristics identification code
using a digit
Mask ROM number
Package style
FP: Plastic molded QFP
GP: Plastic molded QFP
HP: Plastic molded fine-pitch QFP
SP: Plastic molded SDIP
FS: Ceramic QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com