Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 49Page - Renesas Technology Corp 7702 Datasheet HTML 50Page - Renesas Technology Corp 7702 Datasheet HTML 51Page - Renesas Technology Corp 7702 Datasheet HTML 52Page - Renesas Technology Corp 7702 Datasheet HTML 53Page - Renesas Technology Corp 7702 Datasheet HTML 54Page - Renesas Technology Corp 7702 Datasheet HTML 55Page - Renesas Technology Corp 7702 Datasheet HTML 56Page - Renesas Technology Corp 7702 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 217 page
background image
CENTRAL PROCESSING UNIT (CPU)
7702/7703 Group User’s Manual
2–27
[Precautions when selecting the processor mode]
[Precautions when selecting processor mode]
1. For the products operating only in the single-chip mode, be sure to set the following:
•Connect the CNVss pin with Vss.
•Fix the processor mode bits (bits 1 and 0 at address 5E16) to “002.”
2. The external ROM version is only for the microprocessor mode. Accordingly, be sure to set the following:
•Connect the CNVss pin with Vcc.
•Fix the processor mode bits (bits 1 and 0 at address 5E16) to “102.”
3. When using the memory expansion mode or microprocessor mode, be sure to set bits 0 and 1 of the
port P4 direction register to “0.”
_____
_____
____
____
Set the above setting whether using P40/HOLD pin as HOLD pin and P41/RDY pin as RDY pin. For also
the external ROM version, set the above setting. Additionally, it is not need to set the port P0 to P3
direction registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com