Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 93Page - Renesas Technology Corp 7702 Datasheet HTML 94Page - Renesas Technology Corp 7702 Datasheet HTML 95Page - Renesas Technology Corp 7702 Datasheet HTML 96Page - Renesas Technology Corp 7702 Datasheet HTML 97Page - Renesas Technology Corp 7702 Datasheet HTML 98Page - Renesas Technology Corp 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–9
5.3 Timer mode
5.3 Timer mode
In this mode, the timer counts an internally generated count source. (Refer to Table 5.3.1.) Figure 5.3.1
shows the structures of the timer Ai mode register and timer Ai register in the timer mode.
Table 5.3.1 Specifications of timer mode
Item
Count source
Count operation
Divide ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TAiIN pin function
TAiOUT pin function
Read from timer Ai register
Write to timer Ai register
Specifications
f2, f16, f64, or f512
• Down-count
• When the counter underflows, reload register’s contents are reloaded
and counting continues.
When count start bit is set to “1.”
When count start bit is cleared to “0.”
When the counter underflows.
Programmable I/O port or gate input
Programmable I/O port or pulse output
Counter value can be read out.
q While counting is stopped
When a value is written to timer Ai register, it is written to both
reload register and counter.
q While counting is in progress
When a value is written to timer Ai register, it is written to only
reload register. (Transferred to counter at next reload timing.)
n : Timer Ai register setting value
1
(n + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com