Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 52Page - Renesas Technology Corp 7702 Datasheet HTML 53Page - Renesas Technology Corp 7702 Datasheet HTML 54Page - Renesas Technology Corp 7702 Datasheet HTML 55Page - Renesas Technology Corp 7702 Datasheet HTML 56Page - Renesas Technology Corp 7702 Datasheet HTML 57Page - Renesas Technology Corp 7702 Datasheet HTML 58Page - Renesas Technology Corp 7702 Datasheet HTML 59Page - Renesas Technology Corp 7702 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 217 page
background image
INPUT/OUTPUT PINS
3–2
7702/7703 Group User’s Manual
This chapter describes the programmable I/O ports in the single-chip mode. For P0 to P4, which change
their functions according to the processor mode, refer also to the section “2.5 Processor modes” and
“Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
P42 and P5 to P8 also function as the I/O pins of the internal peripheral devices. For the functions, refer
to the section “3.2 I/O pins of internal peripheral devices” and relevant sections of each internal peripheral
devices.
7703 Group
The 7703 Group varies with the 7702 Group in the number of pins, pins’ assignment and others. Refer to
the section “Chapter 20. 7703 GROUP.”
3.1 Programmable I/O ports
The 7702 Group has 68 programmable I/O ports, P0 to P8.
The programmable I/O ports have direction registers and port registers in the SFR area. Figure 3.1.1 shows
the memory map of direction registers and port registers.
Fig. 3.1.1 Memory map of direction registers and port registers
3.1 Programmable I/O ports
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
Port P8 direction register
816
916
A16
B16
C16
D16
E16
F16
1016
1116
1216
1316
1416
Addresses
Port P0 register
Port P1 register
Port P0 direction register
Port P1 direction register
Port P2 register
Port P3 register
Port P2 direction register
Port P3 direction register
216
316
416
516
616
716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com