Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 76Page - Renesas Technology Corp 7702 Datasheet HTML 77Page - Renesas Technology Corp 7702 Datasheet HTML 78Page - Renesas Technology Corp 7702 Datasheet HTML 79Page - Renesas Technology Corp 7702 Datasheet HTML 80Page - Renesas Technology Corp 7702 Datasheet HTML 81Page - Renesas Technology Corp 7702 Datasheet HTML 82Page - Renesas Technology Corp 7702 Datasheet HTML 83Page - Renesas Technology Corp 7702 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–18
4.8 Return from interrupt routine
When the RTI instruction is executed at the end of the interrupt routine, the contents of the program bank
register (PG), program counter (PC), and processor status register (PS) immediately before performing the
INTACK sequence, which were saved to the stack area, are automatically restored, and control returns to
the routine executed before the acceptance of interrupt request and processing is resumed from it left off.
For any register that is saved by software in the interrupt routine, restore it with the same data length and
same register length as it was saved by using the PUL instruction and others before executing the RTI
instruction.
4.9 Multiple interrupts
When a branch is made to the interrupt routine, the microcomputer becomes the following situation:
•Interrupt disable flag (I) = “1” (interrupts disabled)
•Interrupt request bit of the accepted interrupt = “0”
•Processor interrupt priority level (IPL) = interrupt priority level of the accepted interrupt
Accordingly, as long as the IPL remains unchanged, the microcomputer can accept the interrupt request that
has higher priority than the interrupt request being executed now by clearing the interrupt disable flag (I)
to “0” in the interrupt routine. This is multiple interrupts.
Figure 4.9.1 shows the multiple interrupt mechanism.
The interrupt requests that have not been accepted owing to their low priority levels are retained. When the
RTI instruction is executed, the interrupt priority level of the routine that the microcomputer was executing
before accepting the interrupt request is restored to the IPL. Therefore, one of the interrupt requests being
retained is accepted when the following condition is satisfied at next detection of interrupt priority level:
Interrupt priority level of interrupt request being retained > Restored processor interrupt priority level (IPL)
4.8 Return from interrupt routine 4.9 Multiple interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com