Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 2Page - Renesas Technology Corp 7702 Datasheet HTML 3Page - Renesas Technology Corp 7702 Datasheet HTML 4Page - Renesas Technology Corp 7702 Datasheet HTML 5Page - Renesas Technology Corp 7702 Datasheet HTML 6Page - Renesas Technology Corp 7702 Datasheet HTML 7Page - Renesas Technology Corp 7702 Datasheet HTML 8Page - Renesas Technology Corp 7702 Datasheet HTML 9Page - Renesas Technology Corp 7702 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 217 page
background image
2
qMask ROM Confirmation Form, PROM Confirmation Form, Mark Specification Form
Copy the form in the latest data book and use it. Or, ask the contact addresses on the last page.
3. Register structure
The view of the register structure is described below:
0
1
0
XXX register (Address XX16)
b1
b0
b2
b3
b4
b5
b6
b7
0
V1
V2
V3
2
3
... select bit
0 : ...
1 : ...
... select bit
0 : ...
1 : ...
The value is “0” at reading.
0 : ...
1 : ...
Fix this bit to “0.”
4
7 to 5 Nothing is assigned.
!
RW
WO
RO
RW
RW
–
0
0
0
Bit
Bit name
This bit is ignored in ... mode.
Functions
At reset
RW
... flag
Undefined
Undefined
V1
Blank
0
1
!
: This bit is not used in the specific mode or state. It may be either “0” or “1.”
: Nothing is assigned.
V2
0
1
Undefined
V3
RW
data.
RO
invalid. Accordingly, the written value may be either “0” or “1.”
WO
The value is undefined at reading. However, the bit with the commentaries of “
The value is “0” at reading” in the functions column or the notes is always “0”
at reading.(See to V4 above.)
It is no possible to read the bit state. The value is undefined at reading.
However, the bit with the commentaries of “The value is “0” at reading” in the
functions column or the notes is always “0” at reading.(See to V4 above.)
The written value becomes invalid. Accordingly, the written value may be “0”
or “1.”
V4
: Set to “0” or “1” to meet the purpose.
: Set to “0” at writing.
: Set to “1” at writing.
: “0” immediately after a reset.
: “1” immediately after a reset.
:Undefined immediately after a reset.
: It is possible to read the bit state at reading. The written value becomes valid
It is possible to read the bit state at reading. The written value becomes
:
: The written value becomes valid data. It is not possible to read the bit state.
—
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com