Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 46Page - Renesas Technology Corp 7702 Datasheet HTML 47Page - Renesas Technology Corp 7702 Datasheet HTML 48Page - Renesas Technology Corp 7702 Datasheet HTML 49Page - Renesas Technology Corp 7702 Datasheet HTML 50Page - Renesas Technology Corp 7702 Datasheet HTML 51Page - Renesas Technology Corp 7702 Datasheet HTML 52Page - Renesas Technology Corp 7702 Datasheet HTML 53Page - Renesas Technology Corp 7702 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 217 page
background image
7702/7703 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–24
Table 2.5.1 Functions of ports P0 to P4 in each processor mode
2.5 Processor modes
P0
Pins
P1
Processor
modes
P4
P2
P: Functions as a programmable
I/O port.
(Note 2)
P
P: Functions as a programmable
I/O port.
P
Single-chip mode
P: Functions as a programmable
I/O port.
P
P3
• When external data bus width is 16 bits (BYTE = “L”)
Memory expansion/Microprocessor mode
D(even)
D (even): Data at even address
D(odd)
D (odd): Data at odd address
A0 – A7
(Note 1)
HLDA
P31
P32
P30
P33
ALE
BHE
Notes 1: P42 also functions as the clock
1
output pin. (Refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”)
2: P42 functions as a programmable I/O port in the memory expansion mode, and that functions as the clock
1
output pin by software
selection. (Refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”)
3: This table lists a switch of pins’ functions by switching the processor mode. Refer to the following section about the input/output
timing of each signal:
•“Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
•“Chapter 15. ELECTRICAL CHARACTERISTICS.”
4: The 7703 group does not have P33/HLDA pin.
P: Functions as a programmable
I/O port.
P
P: Functions as a programmable
I/O port.
P
• When external data bus width is 8 bits (BYTE = “H”)
A8 – A15
A8 – A15
• When external data bus width is 16 bits (BYTE = “L”)
• When external data bus width is 8 bits (BYTE = “H”)
A16 – A23
A16 – A23
R/W
P: Functions as a programmable I/O port.
RDY
HOLD
P41
P42
P40
1
P43 – P47
P
(Note 4)
D
D : Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com