Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp 7702 Datasheet HTML 108Page - Renesas Technology Corp 7702 Datasheet HTML 109Page - Renesas Technology Corp 7702 Datasheet HTML 110Page - Renesas Technology Corp 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp 7702 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–21
5.4 Event counter mode
Fig. 5.4.1 Structures of timer Ai mode register and timer Ai register in event counter mode
b7
b6
b5
b4
b3
b2
b1
b0
00 1
Bit
Up-down switching factor select
bit
Count polarity select bit
Bit name
These bits are ignored in event counter mode.
Fix this bit to “0” in event counter mode.
! : It may be either “0” or “1.”
7
Functions
0 : Counts at falling edge of external signal
1 : Counts at rising edge of external signal
0 : Contents of up-down register
1 : Input signal to TAiOUT pin
At reset
0
0
0
0
0
RW
Pulse output function select bit
Operating mode select bits
1
0 : No pulse output (TAiOUT pin
functions as a programmable I/O
port.)
1 : Pulse output (TAiOUT pin functions
as a pulse output pin.)
0 1 : Event counter mode
b1 b0
0
0
0
!!
0
2
RW
RW
3
4
5
6
RW
RW
RW
RW
RW
RW
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
RW
15 to 0
Bit
Functions
At reset
RW
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by n + 1
when down-counting, or by FFFF16 – n + 1
when up-counting.
When reading, the register indicates the
counter value.
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com