Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 109Page - Renesas Technology Corp 7702 Datasheet HTML 110Page - Renesas Technology Corp 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp 7702 Datasheet HTML 113Page - Renesas Technology Corp 7702 Datasheet HTML 114Page - Renesas Technology Corp 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–25
5.4 Event counter mode
(1) Switching between up-count and down-count
The up-down register (address 4416) or the input signal from the TAiOUT pin is used to switch the up-
count from and to the down-count. This switching is performed by the up-down bit when the up-down
switching factor select bit (bit 4 at addresses 5616 to 5A16) is “0,” and by the input signal from the
TAiOUT pin when the up-down switching factor select bit is “1.”
When switching the up-count/down-count, this switching is actually performed when the count source’s
next valid edge is input.
qSwitching by up-down bit
The counter down-counts when the up-down bit is “0,” and up-counts when the up-down bit is “1.”
Figure 5.4.5 shows the structure of the up-down register.
qSwitching by TAiOUT pin’s input signal
The counter down-counts when the TAiOUT pin’s input signal is at “L” level, and up-counts when the
TAiOUT pin’s input signal is at “H” level.
When using the TAiOUT pin input signal to switch the up-count/down-count, set the port P5 and P6
direction registers’ bits which correspond to the TAiOUT pin for the input mode.
Fig. 5.4.5 Structure of up-down register
Bit
Bit name
At reset
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Up-down register (Address 4416)
0
0
0
Timer A4 up-down bit
Timer A3 up-down bit
Timer A2 up-down bit
Timer A1 up-down bit
Timer A0 up-down bit
Timer A2 two-phase pulse signal
processing select bit
(Note)
Timer A3 two-phase pulse signal
processing select bit
(Note)
Timer A4 two-phase pulse signal
processing select bit
(Note)
0 : Down-count
1 : Up-count
This function is valid when the
contents of the up-down register are
selected as the up-down switching
factor.
0 : Disabled Two-phase pulse signal
processing function
1 : Enabled Two-phase pulse signal
processing function
When not using the two-phase pulse
signal processing function, make
sure to set the bit to “0.”
The value is “0” at reading.
Note: Use the LDM or STA instruction when writing to bits 5 to 7.
0
1
2
3
4
5
6
7
RW
RW
RW
RW
RW
WO
WO
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com