Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 113Page - Renesas Technology Corp 7702 Datasheet HTML 114Page - Renesas Technology Corp 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–29
5.4 Event counter mode
[Precautions when operating in event counter mode]
1. By reading the timer Ai register, the counter value can be read out at any timing while counting is in
progress. However, when the timer Ai register is read at the reload timing shown in Figure 5.4.9, a value
“FFFF16” (at the underflow) or “000016” (at the overflow) is read out. When reading the timer Ai register
after setting a value to the register while counting is not in progress and before the counter starts
counting, the set value is read out correctly.
Fig. 5.4.9 Reading timer Ai register
2. The TAiOUT pin is used for all functions listed below. Accordingly, only one of these functions can be
selected for each timer.
•Switching between up-count and down-count by TAiOUT pin’s input signal
•Pulse output function
•Two-phase pulse signal processing function for timers A2 to A4
21
0
n
n – 1
Counter value
(Hex.)
21
0
FFFF n – 1
Read value
(Hex.)
Reload
Time
n = Reload register’s contents
(1) For down-count
FFFD FFFE FFFF
n
n + 1
FFFD FFFE FFFF 0000 n + 1
(2) For up-count
Counter value
(Hex.)
Read value
(Hex.)
Reload
Time
n = Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com