Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 111Page - Renesas Technology Corp 7702 Datasheet HTML 112Page - Renesas Technology Corp 7702 Datasheet HTML 113Page - Renesas Technology Corp 7702 Datasheet HTML 114Page - Renesas Technology Corp 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–27
5.4 Event counter mode
(2) Two-phase pulse signal processing function (Timers A2 to A4)
For timers A2 to A4, the two-phase pulse signal processing function is selected by setting the two-
phase pulse signal processing select bits (bits 5 to 7 at address 4416) to “1.” (Refer to Figure 5.4.5.)
Figure 5.4.6 shows the timer A2, A3, and A4 mode registers when the two-phase pulse signal
processing function is selected.
With timers selecting the two-phase pulse signal processing function, the timer counts two kinds of
pulses of which phases differ by 90 degrees. There are two types of the two-phase pulse signal
processing: normal processing and quadruple processing. In timers A2 and A3, normal processing
is performed; in timer A4, quadruple processing is performed.
For some bits of the port P5 and P6 direction registers correspond to pins used for two-phase pulse
input, set these bits for the input mode.
qNormal processing
The timer up-counts the rising edges to the TAkIN pin when the phase has the relationship that the
TAkIN pin’s input signal level goes from “L” to “H” while the TAkOUT (k = 2 and 3) pin’s input signal
is “H” level.
The timer down-counts the falling edges to the TAkIN pin when the phase has the relationship that
the TAkIN pin’s input signal level goes from “H” to “L” while the TAkOUT pin’s input signal is “H” level.
(Refer to Figure 5.4.7.)
Fig. 5.4.6 Timer A2, A3, and A4 mode registers when two-phase pulse signal processing function is
selected
1
00
0
0
1
Timer A2 mode register (Address 5816)
Timer A3 mode register (Address 5916)
Timer A4 mode register (Address 5A16)
b7
b6
b5
b4
b3
b2
b1
b0
! : It may be either “0” or “1.”
!!
Fig. 5.4.7 Normal processing
TAkOUT
TAkIN
(k=2, 3)
“H”
“H”
“L”
Up
count
+1
+1
+1
–1
–1
–1
Down-
count
“L”
Up-
count
Up-
count
Up-
count
Down-
count
Down-
count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com