Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 114Page - Renesas Technology Corp 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp 7702 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–30
5.5 One-shot pulse mode
5.5 One-shot pulse mode
In this mode, the timer outputs a pulse which has an arbitrary width once. (Refer to Table 5.5.1.) When a
trigger occurs, the timer outputs “H” level from the TAiOUT pin for an arbitrary time. Figure 5.5.1 shows the
structures of the timer Ai mode register and timer Ai register in the one-shot pulse mode.
Table 5.5.1 Specifications of one-shot pulse mode
[s]
n : Timer Ai register setting value
Item
Count source
Count operation
Output pulse width (“H”)
Count start condition
Count stop condition
Interrupt request occurrence timing
TAiIN pin function
TAiOUT pin function
Read from timer Ai register
Write to timer Ai register
Specifications
f2, f16, f64, or f512
q Down-count
q When the counter value becomes “000016,” reload register’s con-
tents are reloaded and counting stops.
q If a trigger occurs during counting, reload register’s contents are
reloaded then and counting continues.
q When a trigger occurs. (Note)
q Internal or external trigger can be selected by software.
q When the counter value becomes “000016
,”
q When count start bit is cleared to “0”
When counting stops.
Programmable I/O port or trigger input
One-shot pulse output
An undefined value is read out.
q While counting is stopped
When a value is written to timer Ai register, it is written to both
reload register and counter.
q While counting is in progress
When a value is written to timer Ai register, it is written to only
reload register. (Transferred to counter at next reload time.)
Note: The trigger is generated with the count start bit = “1.”
n
fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com