Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp 7702 Datasheet HTML 122Page - Renesas Technology Corp 7702 Datasheet HTML 123Page - Renesas Technology Corp 7702 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–32
5.5 One-shot pulse mode
5.5.1 Setting for one-shot pulse mode
Figures 5.5.2 and 5.5.3 show an initial setting example for registers relevant to the one-shot pulse mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “Chapter 4. INTERRUPTS.”
Fig. 5.5.2 Initial setting example for registers relevant to one-shot pulse mode (1)
Continue to Figure 5.5.3.
Setting interrupt priority level
b7
b0
Timer Ai interrupt control register (i = 0 to 4)
(Addresses 7516 to 7916)
Interrupt priority level select bits
When using interrupts, set these bits to level 1-7.
When disabling interrupts, set these bits to level 0.
b7
b0
10
0
Selecting one-shot pulse mode and each function
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
1
Trigger select bits
0 0 :
0 1 :
1 0 : Falling of TAiIN pin’s input signal: External trigger
1 1 : Rising of TAiIN pin’s input signal: External trigger
b4 b3
Count source select bits
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Selection of one-shot pulse mode
Setting “H” level width of one-shot pulse
b7
b0
Can be set to “000116” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
“H” level width =
Writing “1” to one-shot start bit: Internal trigger
fi
Note.
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com