Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp 7702 Datasheet HTML 122Page - Renesas Technology Corp 7702 Datasheet HTML 123Page - Renesas Technology Corp 7702 Datasheet HTML 124Page - Renesas Technology Corp 7702 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–33
5.5 One-shot pulse mode
Fig. 5.5.3 Initial setting example for registers relevant to one-shot pulse mode (2)
Count starts
Trigger generated
Trigger input to TAiIN pin
When internal trigger
is selected
When external trigger
is selected
From preceding Figure 5.5.2.
b7
b0
One-shot start register (Address
4216)
Setting one-shot start bit to “1”
Timer A0 one-shot start bit
Timer A1 one-shot start bit
Timer A2 one-shot start bit
Timer A3 one-shot start bit
Timer A4 one-shot start bit
Setting count start bit to “1”
b7
b0
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Count start register (Address 4016)
b7
b0
Port P5 direction register
(Address D16)
Setting port P5 and port P6 direction registers
TA0IN pin
TA1IN pin
TA2IN pin
TA3IN pin
Port P6 direction register
(Address 1016)
TA4IN pin
b7
b0
Set the corresponding bit to “0.”
Setting count start bit to “1”
b7
b0
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Count start register (Address 4016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com