Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 115Page - Renesas Technology Corp 7702 Datasheet HTML 116Page - Renesas Technology Corp 7702 Datasheet HTML 117Page - Renesas Technology Corp 7702 Datasheet HTML 118Page - Renesas Technology Corp 7702 Datasheet HTML 119Page - Renesas Technology Corp 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp 7702 Datasheet HTML 122Page - Renesas Technology Corp 7702 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–31
5.5 One-shot pulse mode
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000116” to “FFFF16.”
Assuming that the set value = n, the “H” level
width of the one-shot pulse output from the
TAiOUT pin is expressed as follows : n / fi.
Undefined
fi: Frequency of count source (f2, f16, f64, or f512)
WO
Trigger select bits
Fix this bit to “1” in one-shot pulse mode.
1
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
1 0 : One-shot pulse mode
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b4 b3
Fix this bit to “0” in one-shot pulse mode.
10
1
0 0 : Writing “1” to one-shot start bit
0 1 :
IN
pin functions as a progra-
mmable I/O port.)
1 0 : Falling edge of TAiIN pin’s input signal
1 1 : Rising edge of TAiIN pin’s input signal
Bit
At reset
0
0
0
0
0
0
0
0
RW
0
4
0
2
3
5
6
RW
RW
RW
RW
RW
RW
RW
RW
Operating mode select bits
Fig. 5.5.1 Structures of timer Ai mode register and timer Ai register in one-shot pulse mode
(TAi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com