Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 120Page - Renesas Technology Corp 7702 Datasheet HTML 121Page - Renesas Technology Corp 7702 Datasheet HTML 122Page - Renesas Technology Corp 7702 Datasheet HTML 123Page - Renesas Technology Corp 7702 Datasheet HTML 124Page - Renesas Technology Corp 7702 Datasheet HTML 125Page - Renesas Technology Corp 7702 Datasheet HTML 126Page - Renesas Technology Corp 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–36
5.5 One-shot pulse mode
5.5.4 Operation in one-shot pulse mode
Œ When the one-shot pulse mode is selected with the operating mode select bits, the TAiOUT pin outputs
“L” level.
 When the count start bit is set to “1,” the counter is enabled for counting. After that, counting starts when
a trigger is generated.
Ž When the counter starts counting, the TAiOUT pin outputs “H” level.
 When the counter value becomes “000016,” the output from the TAiOUT pin becomes “L” level. Additionally,
the reload register’s contents are reloaded and the counter stops counting there.
 Simultaneously at , the timer Ai interrupt request bit is set to “1.”
This interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 5.5.5 shows an example of operation in the one-shot pulse mode.
When a trigger is generated after  above, the counter and TAiOUT pin perform the same operations
beginning from  again. Furthermore, if a trigger is generated during counting, the counter down-counts
once after this generated new trigger, and it continues counting with the reload register’s contents reloaded.
If generating a trigger during counting, make sure that a certain time which is equivalent to one cycle of
the timer’s count source or more has passed between the previous generated trigger and a new generated
trigger.
The one-shot pulse output from the TAiOUT pin can be disabled by clearing the timer Ai mode register’s bit
2 to “0.” Accordingly, timer Ai can be also used as an internal one-shot timer that does not perform the
pulse output. In this case, the TAiOUT pin functions as a programmable I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com