Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 124Page - Renesas Technology Corp 7702 Datasheet HTML 125Page - Renesas Technology Corp 7702 Datasheet HTML 126Page - Renesas Technology Corp 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp 7702 Datasheet HTML 131Page - Renesas Technology Corp 7702 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–40
5.6 Pulse width modulation (PWM) mode
Fig. 5.6.1 Structures of timer Ai mode registers and timer Ai registers in PWM mode
b7
b0
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000016” to “FFFE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAiOUT pin is expressed as follows:
PWM pulse’s period is expressed as follows:
Undefined
<When operating as a 16-bit pulse width modulator>
(b15)
(b8)
WO
n
fi
n16 – 1
fi
fi: Frequency of count source (f2, f16, f64, or f512)
<When operating as an 8-bit pulse width modulator>
(b15)
b7
b0
b7
b0
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
7 to 0
15 to 8
Undefined
Undefined
These bits can be set to “0016” to “FF16.”
Assuming that the set value = m, PWM
pulse’s period output from the TAiOUT pin is
expressed as follows:
(m + 1)(28 – 1)
fi
WO
These bits can be set to “0016” to “FE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAiOUT pin is expressed as follows:
n(m + 1)
fi
WO
fi: Frequency of count source (f2, f16, f64, or f512)
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
11
1
At reset
0
RW
Trigger select bits
Fix this bit to “1” in PWM mode.
1
Operating mode select bits
Bit name
Functions
1 1 : PWM mode
b1 b0
b4 b3
16/8-bit PWM mode select bit
0 0 : Writing “1” to count start bit
0 1 : (TAi IN pin functions as a pro-
grammable I/O port.)
1 0 : Falling edge of TAiIN pin’s input signal
1 1 : Rising edge of TAiIN pin’s input signal
Bit
0 : As a 16-bit pulse width modulator
1 : As an 8-bit pulse width modulator
4
0
2
3
5
6
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com