Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 122Page - Renesas Technology Corp 7702 Datasheet HTML 123Page - Renesas Technology Corp 7702 Datasheet HTML 124Page - Renesas Technology Corp 7702 Datasheet HTML 125Page - Renesas Technology Corp 7702 Datasheet HTML 126Page - Renesas Technology Corp 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–38
5.5 One-shot pulse mode
[Precautions when operating in one-shot pulse mode]
1. If the count start bit is cleared to “0” during counting, the counter stops counting and the reload register’s
contents are reloaded into the counter, and the TAiOUT pin’s output level becomes “L.” At the same time,
the timer Ai interrupt request bit is set to “1.”
2. A one-shot pulse is output synchronously with an internally generated count source. Accordingly, when
selecting an external trigger, there will be a delay equivalent to one cycle of count source at maximum
from when a trigger is input to the TAiIN pin till when a one-shot pulse is output.
Fig. 5.5.6 Output delay in one-shot pulse output
3. When setting the timer’s operating mode in one of the followings, the timer Ai interrupt request bit is set
to “1.”
qWhen the one-shot pulse mode is selected after a reset
qWhen the operating mode is switched from the timer mode to the one-shot pulse mode
qWhen the operating mode is switched from the event counter mode to the one-shot pulse mode
Therefore, when using the timer Ai interrupt (interrupt request bit), be sure to clear the timer Ai interrupt
request bit to “0” after above setting.
4. Do not set “000016” to the timer Ai register.
Note: The above applies when an external trigger (falling of TAiIN pin’s input signal) is selected.
TAiIN pin’s
input signal
“H”
“L”
Count
source
Trigger input
Starts outputting of one-shot pulse
One-shot pulse
output from
TAiOUT pin
Output delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com