| Electronic Components Datasheet Search |
|
7702 Datasheet(PDF) 127 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7702 Datasheet(HTML) 127 Page - Renesas Technology Corp |
|
127 / 217 page ![]() TIMER A 7702/7703 Group User’s Manual 5–39 5.6 Pulse width modulation (PWM) mode 5.6 Pulse width modulation (PWM) mode In this mode, the timer continuously outputs pulses which have an arbitrary width. (Refer to Table 5.6.1.) Figure 5.6.1 shows the structures of the timer Ai mode register and timer Ai register in the PWM mode. Table 5.6.1 Specifications of PWM mode Item Count source Count operation PMW period/“H” level width Count start condition Count stop condition Interrupt request occurrence timing TAiIN pin function TAiOUT pin function Read from timer Ai register Write to timer Ai register Specifications f2, f16, f64, or f512 q Down-count (operating as an 8-bit or 16-bit pulse width modulator) q Reload register’s contents are reloaded at rising of PWM pulse and counting continues. q A trigger generated during counting does not affect the counting. <16-bit pulse width modulator> “H” level width = [s] n: Timer Ai register setting value <8-bit pulse width modulator> “H” level width = [s] m: Timer Ai register low-order 8 bits setting value n: Timer Ai register high-order 8 bits setting value q When a trigger is generated. (Note) q Internal or external trigger can be selected by software. When count start bit is cleared to “0.” At falling of PWM pulse Programmable I/O port or trigger input PWM pulse output An undefined value is read out. q While counting is stopped When a value is written to timer Ai register, it is written to both reload register and counter. q While counting is in progress When a value is written to timer Ai register, it is written to only reload register. (Transferred to counter at next reload time.) Period = [s] (216 – 1) fi Period = [s] (m + 1)(28 – 1) fi n fi n(m + 1) fi Note: The trigger is generated with the count start bit = “1.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |