Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 125Page - Renesas Technology Corp 7702 Datasheet HTML 126Page - Renesas Technology Corp 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp 7702 Datasheet HTML 131Page - Renesas Technology Corp 7702 Datasheet HTML 132Page - Renesas Technology Corp 7702 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–41
5.6 Pulse width modulation (PWM) mode
5.6.1 Setting for PWM mode
Figures 5.6.2 and 5.6.3 show an initial setting example for registers relevant to the PWM mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “Chapter 4. INTERRUPTS.”
Fig. 5.6.2 Initial setting example for registers relevant to PWM mode (1)
Note: When operating as 8-bit pulse width modulator
(m+1) (28 – 1)
fi
n(m+1)
fi
fi : Frequency of count source
However, if n = “0016”, the pulse width modulator
does not operate and the TAiOUT pin outputs “L”
level. At this time, no timer Ai request occurs.
b7
b0
Count source select bits
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
11
Selecting PWM mode and each function
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
b7 b6
1
16/8-bit PWM mode select bit
0 : Operates as 16-bit pulse width modulator
1 : Operates as 8-bit pulse width modulator
Continue to Figure 5.6.3.
Trigger select bits
0 0 :
0 1 :
1 0 : Falling of TAiIN pin’s input signal
1 1 : Rising of TAiIN pin’s input signal
b3
b4
Selection of PWM mode
Setting PWM pulse’s period and “H” level width
b7
b0
Can be set to “000016” to “FFFE16” (n)
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Note: When operating as 16-bit pulse width modulator
(216 – 1)
fi
n
fi
fi : Frequency of count source
However, if n = “000016”, the pulse width modulator does
not operate and the TAiOUT pin outputs “L” level. At this time,
no timer Ai request occurs.
q When operating as 16-bit pulse width modulator
b7
b0
Can be set to “0016” to “FF16” (m)
(b15)
(b8)
b7
b0
q When operating as 8-bit pulse width modulator
Can be set to “0016” to “FE16” (n)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Writing “1” to count start bit: Internal trigger
: External trigger
: External trigger
Period =
“H” level width =
Period =
“H” level width =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com