Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp 7702 Datasheet HTML 131Page - Renesas Technology Corp 7702 Datasheet HTML 132Page - Renesas Technology Corp 7702 Datasheet HTML 133Page - Renesas Technology Corp 7702 Datasheet HTML 134Page - Renesas Technology Corp 7702 Datasheet HTML 135Page - Renesas Technology Corp 7702 Datasheet HTML 136Page - Renesas Technology Corp 7702 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–45
5.6 Pulse width modulation (PWM) mode
Fig. 5.6.4 Operation example of 16-bit pulse width modulator
Fig. 5.6.5 Operation example of 16-bit pulse width modulator (when counter value is updated during
pulse output)
1 / fi ! (216 – 1)
1 / fi ! (n)
Count source
TAiIN pin’s input signal
PWM pulse output
from TAiOUT pin
Note: The above applies when reload register (n) = “000316” and an external trigger (rising of TAiIN
pin’s input signal) is selected.
Trigger is not generated by this signal.
“H”
“H”
“L”
“L”
Timer Ai interrupt
request bit
“1”
“0”
Cleared to “0” when interrupt request is accepted
or cleared by software.
fi: Frequency of count source
(f2, f16, f64, or f512)
Œ When an arbitrary value is set to the timer Ai register after setting “000016” to it, the timing at which the PWM pulse goes “H”
depends on the timing at which the new value is set.
Note: The above applies when an external trigger (rising of TAiIN pin’s input signal) is selected.
FFFE16
n
000116
TAiIN pin’s
input signal
“H”
“L”
“H”
“L”
(1 / fi) ! (216 –1)
(216 –1) – n
(1 / fi) ! (216 –1)
PWM pulse
output from
TAiOUT pin
“000016” is set to timer Ai
register.
“200016” is set to timer Ai
register.
200016
“FFFE16” is set to timer Ai
register.
n = Reload register’s contents
fi: Frequency of count source
(f2, f16, f64, or f512)
Restarts counting.
Stops
counting.
Time
(1 / Pfi) ! (2 –1)
16
Œ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com