Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 126Page - Renesas Technology Corp 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp 7702 Datasheet HTML 131Page - Renesas Technology Corp 7702 Datasheet HTML 132Page - Renesas Technology Corp 7702 Datasheet HTML 133Page - Renesas Technology Corp 7702 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–42
5.6 Pulse width modulation (PWM) mode
Count starts
Trigger input
to TAiIN pin
When external
trigger is selected
When internal trigger is selected
From preceding Figure5.6.2.
Trigger generated
b7
b0
Port P5 direction register
(Address D16)
Setting port P5 and port P6 direction registers
TA0IN pin
TA1IN pin
TA2IN pin
TA3IN pin
TA4IN pin
b7
b0
Clear the corresponding bit to “0.”
Port P6 direction
register (Address 1016)
Setting interrupt priority level
b7
b0
Timer Ai interrupt control register (i = 0 to 4)
(Addresses 7516 to 7916)
Interrupt priority level select bits
When using interrupts, set these bits to
level 1 – 7.
When disabling interrupts, set these bits to
level 0.
Setting count start bit to “1”
b7
b0
Count start register (Address 4016)
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Timer A0 count start bit
Setting count start bit to “1”
b7
b0
Count start register (Address 4016)
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Timer A0 count start bit
Fig. 5.6.3 Initial setting example for registers relevant to PWM mode (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com