Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 127Page - Renesas Technology Corp 7702 Datasheet HTML 128Page - Renesas Technology Corp 7702 Datasheet HTML 129Page - Renesas Technology Corp 7702 Datasheet HTML 130Page - Renesas Technology Corp 7702 Datasheet HTML 131Page - Renesas Technology Corp 7702 Datasheet HTML 132Page - Renesas Technology Corp 7702 Datasheet HTML 133Page - Renesas Technology Corp 7702 Datasheet HTML 134Page - Renesas Technology Corp 7702 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–43
5.6 Pulse width modulation (PWM) mode
5.6.2 Count source
In the PWM mode, the count source select bits (bits 6 and 7 at addresses 5616 to 5A16) select the count
source. Table 5.6.2 lists the count source frequency.
Table 5.6.2 Count source frequency
Count source
select bits
b7
b6
00
01
10
11
Count source frequency
f(XIN) = 8 MHz
f(XIN) = 16 MHz
f(XIN) = 25 MHz
4 MHz
8 MHz
12.5 MHz
500 kHz
1 MHz
1.5625 MHz
125 kHz
250 kHz
390.625 kHz
15625 Hz
31250 Hz
48.8281 kHz
Count source
f2
f16
f64
f512
5.6.3 Trigger
When a trigger is generated, the TAiOUT pin starts outputting PWM pulses. An internal or an external trigger
can be selected as that trigger.
An internal trigger is selected when the trigger select bits (bits 4 and 3 at addresses 5616 to 5A16) are “002”
or “012”; an external trigger is selected when the bits are “102” or “112.”
A trigger generated during outputting of PWM pulses is ignored and it does not affect the pulse output
operation.
(1) When selecting internal trigger
A trigger is generated when writing “1” to the count start bit (at address 4016).
(2) When selecting external trigger
A trigger is generated at the falling of the TAiIN pin’s input signal when bit 3 at addresses 5616 to 5A16
is “0,” or at its rising when bit 3 is “1.” However, the trigger input is accepted only when the count
start bit is “1.”
When using an external trigger, set the port P5 and P6 direction registers’ bits which correspond to
the TAiIN pins for the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com