Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 99Page - Renesas Technology Corp 7702 Datasheet HTML 100Page - Renesas Technology Corp 7702 Datasheet HTML 101Page - Renesas Technology Corp 7702 Datasheet HTML 102Page - Renesas Technology Corp 7702 Datasheet HTML 103Page - Renesas Technology Corp 7702 Datasheet HTML 104Page - Renesas Technology Corp 7702 Datasheet HTML 105Page - Renesas Technology Corp 7702 Datasheet HTML 106Page - Renesas Technology Corp 7702 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 217 page
background image
TIMER A
7702/7703 Group User’s Manual
5–15
5.3 Timer mode
5.3.4 Select function
The following describes the selective gate and pulse output functions.
(1) Gate function
The gate function is selected by setting the gate function select bits (bits 4 and 3 at addresses 5616
to 5A16 ) to “102” or “112.” The gate function makes it possible to start or stop counting depending on
the TAiIN pin’s input signal. Table 5.3.3 lists the count valid levels.
Figure 5.3.5 shows an example of operation selecting the gate function.
When selecting the gate function, set the port P5 and port P6 direction registers’ bits which correspond
to the TAiIN pin for the input mode. Additionally, make sure that the TAiIN pin’s input signal has a pulse
width equal to or more than two cycles of the count source.
Table 5.3.3 Count valid levels
Gate function select bits
Count valid level (Duration when counter counts)
b4
b3
1
0
While TAiIN pin’s input signal is “L” level
1
1
While TAiIN pin’s input signal is “H” level
Note: The counter does not count while the TAiIN pin’s input signal is not at the count valid level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com