| Electronic Components Datasheet Search |
|
HC210 Datasheet(PDF) 194 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210 Datasheet(HTML) 194 Page - Altera Corporation |
|
194 / 228 page ![]() 8–6 Altera Corporation September 2008 HardCopy Series Handbook, Volume 1 HardCopy II devices offer three distinct types of I/O elements (IOEs) which support a variety of I/O features to match Stratix II IOEs. These are memory interface IOEs, high-speed IOEs, and general purpose IOEs. Memory interface IOEs support popular I/O standards used by external memory devices, including single-ended standards from LVTTL, LVCMOS to SSTL, and HSTL voltage referenced (VREF) type I/O standards. Memory interface IOEs also have PCI clamp circuitry for PCI support. High-speed IOEs support differential applications utilizing LVDS and HyperTransport technology. High-speed IOEs also support single-ended LVTTL and LVCMOS I/O standards, but do not support VREF I/O standards. General purpose IOEs support LVTTL and LVCMOS I/O standards. General purpose IOEs on the bottom I/O banks (banks 7 and 8) also have PCI clamping circuitry to support the PCI interface on HardCopy II devices. Table 8–4. Package Options and I/O Pin Counts for Stratix II and HardCopy II Companion Devices Notes (1), (2) Stratix II Device HC210 HC220 HC230 (3) HC240 (4) 484-Pin FineLine BGA 672-Pin FineLine BGA 780-Pin FineLine BGA 1,020-Pin FineLine BGA 1,020-Pin FineLine BGA 1,508-Pin FineLine BGA EP2S30 334 EP2S60 334 492 EP2S90 308 494 698 EP2S130 494 698 EP2S180 698 742 951 Notes to Table 8–4: (1) User I/O pin counts are preliminary. The Quartus II software I/O pin counts include one additional pin, PLL_ENA, which is not included in this pin count. The PLL_ENA pin is not available as a general purpose I/O pin and can only be used to enable the PLLs in this device. (2) All I/O pin counts include eight dedicated clock input pins ( clk1p, clk1n, clk3p, clk3n, clk9p, clk9n, clk11p, and clk11n) that can be used for data inputs. (3) The I/O pin counts for all HC230 combinations include four dedicated fast PLL clock inputs ( FPLL7CLKp/n, FPLL8CLKp/n) that can be used for data inputs. (4) The I/O pin counts for HC240 combinations include eight dedicated fast PLL clock inputs ( FPLL7CLKp/n, FPLL8CLKp/n, FPLL9CLKp/n, and FPLL10CLKp/n) that can be used for data inputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |