Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 198 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 198 Page - Altera Corporation

Back Button HC210 Datasheet HTML 194Page - Altera Corporation HC210 Datasheet HTML 195Page - Altera Corporation HC210 Datasheet HTML 196Page - Altera Corporation HC210 Datasheet HTML 197Page - Altera Corporation HC210 Datasheet HTML 198Page - Altera Corporation HC210 Datasheet HTML 199Page - Altera Corporation HC210 Datasheet HTML 200Page - Altera Corporation HC210 Datasheet HTML 201Page - Altera Corporation HC210 Datasheet HTML 202Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 228 page
background image
8–10
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
SSTL-2 class I and II
Voltage referenced
2.5
2.5
v
SSTL-18 class I and II
Voltage referenced
1.8
1.8
v
1.8-V HSTL class I and II Voltage referenced
1.8
1.8
v
1.5-V HSTL class I and II Voltage referenced
1.5
1.5
v
PCI / PCI-X
Single-ended
3.3
3.3
v
(1)
Differential SSTL-2 class
I and II input
Pseudo differential (3)
3.3/2.5/
1.8/1.5
(2)
Differential SSTL-2 class
I and II output
Pseudo differential (3)
2.5
(2)
Differential SSTL-18
class I and II input
Pseudo differential (3)
3.3/2.5/
1.8/1.5
(2)
Differential SSTL-18
class I and II output
Pseudo differential (3)
1.8
(2)
1.8-V differential HSTL
class I and II input
Pseudo differential (3)
3.3/2.5/
1.8/1.5
1.8/1.5
(2)
1.8-V differential HSTL
class I and II output
Pseudo differential (3)
1.8
(2)
1.5-V differential HSTL
class I and II input
Pseudo differential (3)
3.3/2.5/
1.8/1.5
(2)
1.5-V differential HSTL
class I and II output
Pseudo differential (3)
1.5
(2)
LVDS
Differential
2.5
2.5
v
HyperTransport™
technology
Differential
2.5
2.5
v
Notes to Table 8–6:
(1)
Like Stratix II devices, the optional PCI clamp is only available on column I/O pins. General purpose IOEs on the
right row I/O pins do not support the PCI clamp.
(2)
Similar to Stratix II devices, these I/O standards are only available on input clock pins, output clock pins in I/O
banks 9, 10, 11, 12, and DQS pins in top I/O banks 3, 4 for all HardCopy II devices, and DQS pins in bottom I/O
banks 7 and 8 for HC230 and HC240 devices.
(3)
Pseudo-differential HSTL and SSTL inputs only use the positive polarity input in the speed path. The negative
input is not connected internally. Pseudo-differential HSTL and SSTL outputs use two single-ended outputs with
the second output programmed as inverted. This is similar to a Stratix II device implementation.
Table 8–6. Hardcopy II Supported I/O Standards on User I/O Pins (Part 2 of 2)
I/O Standard
Type
VCCIO Level (V)
Memory
Interface
IOEs
General
Purpose
IOEs
High-
Speed
IOEs
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com