| Electronic Components Datasheet Search |
|
HC210 Datasheet(PDF) 196 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210 Datasheet(HTML) 196 Page - Altera Corporation |
|
196 / 228 page ![]() 8–8 Altera Corporation September 2008 HardCopy Series Handbook, Volume 1 Figure 8–1. HardCopy II HC240 I/O Banks Notes (1), (2), (3), (4) Notes to Figure 8–1: (1) Figure 8–1 is a top view of the silicon die that corresponds to a reverse view for flip-chip packages. It is a graphical representation only. Refer to the pin list and Quartus II software for exact locations. (2) Differential HSTL and differential SSTL standards are available for bidirectional operations on DQS pin and input only operations on PLL clock input pins; LVDS, LVPECL, and HyperTransport standards are available for input only operations on PLL clock input pins. Refer to “Differential I/O Termination” on page 8–20 for more details. (3) HardCopy II devices and the Quartus II software does not support differential SSTL and differential HSTL standards at left and right I/O banks. Side I/O banks do not have VREF pins. (4) Figure 8–1 shows the HC240 device. Other HardCopy II devices have fewer PLL blocks. Bank 4 Memory Interface IOEs Bank 7 Memory Interface IOEs Bank 8 Memory Interface IOEs I/O banks 3 & 4 support 3.3-V, 2.5-V, 1.8-V LVTTL/ LVCMOS, 1.5-V LVCMOS, SSTL-2, SSTL-18, 1.8-V HSTL, 1.5-V HSTL & PCI/PCI-X I/O standards. I/O banks 7 & 8 support 3.3-V, 2.5-V, 1.8-V LVTTL/ LVCMOS, 1.5-V LVCMOS & PCI/PCI-X I/O standards. Bank 3 Memory Interface IOEs Bank 2 High-Speed IOEs Bank 1 High-Speed IOEs Bank 5 High-Speed IOEs Bank 6 High-Speed IOEs PLL 1 PLL 2 PLL 4 PLL 3 I/O Banks 5 & 6 Support 3.3-, 2.5- & 1.8-V LVTTL/LVCMOS, 1.5-V LVCMOS, LVDS & HyperTransport Technology I/O Banks 1 & 2 Support 3.3-, 2.5- & 1.8-V LVTTL/LVCMOS, 1.5-V LVCMOS, LVDS & HyperTransport Technology CLK, PLL_FB input pins & PLL_OUT output pins support differential SSTL, differential HSTL, LVDS & HyperTransport technology. CLK & PLL_FB pins support LVPECL. DQS input pins support differential SSTL and differential HSTL I/O standards. CLK, PLL_FB input pins SSTL-2, SSTL-18, 1.8-V HSTL, 1.5-V HST, & PLL_OUT output pins support differential SSTL, differential HSTL, LVDS & HyperTransport technology. CLK & PLL_FB pins support LVPECL. DQS input pins support differential SSTL and differential HSTL I/O standards. PLL 5 PLL 11 Bank 11 Bank 9 PLL 6 PLL 12 Bank 12 Bank 10 PLL 10 PLL 9 PLL 7 PLL 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |