Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 172 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 172 Page - Texas Instruments

Back Button DM504 Datasheet HTML 168Page - Texas Instruments DM504 Datasheet HTML 169Page - Texas Instruments DM504 Datasheet HTML 170Page - Texas Instruments DM504 Datasheet HTML 171Page - Texas Instruments DM504 Datasheet HTML 172Page - Texas Instruments DM504 Datasheet HTML 173Page - Texas Instruments DM504 Datasheet HTML 174Page - Texas Instruments DM504 Datasheet HTML 175Page - Texas Instruments DM504 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 211 page
background image
172
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
7
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test design implementation to confirm system functionality.
7.1
Introduction
This chapter is intended to communicate, guide and illustrate a PCB design strategy resulting in a PCB
that can support TI’s latest Application Processor. This Processor is a high-performance processor
designed for automotive Infotainment based on enhanced OMAP™ architecture integrated on a 28-nm
CMOS process technology.
These guidelines first focus on designing a robust Power Delivery Network (PDN) which is essential to
achieve the desirable high performance processing available on Device. The general principles and step-
by-step approach for implementing good power integrity (PI) with specific requirements will be described
for the key Device power domains.
TI strongly believes that simulating a PCB’s proposed PDN is required for first pass PCB design success.
Key Device processor high-current power domains need to be evaluated for Power Rail IR Drop,
Decoupling Capacitor Loop-Inductance and Power Rail Target Impedance. Only then can a PCB’s PDN
performance be truly accessed by comparing these model PI parameters vs. TI’s recommended values.
Ultimately for any high-volume product, TI recommends conducting a “Processor PDN Validation” test on
prototype PCBs across processor “split lots” to verify PDN robustness meets desired performance goals
for each customer’s worst-case scenario. Please contact your TI representative to receive guidance on
PDN PI modeling and validation testing.
Likewise, the methodology and requirements needed to route Device high-speed, differential interfaces ,
single-ended interfaces (i.e. DDR3, QSPI) and general purpose interfaces using LVCMOS drivers that
meet timing requirements while minimizing signal integrity (SI) distortions on the PCB’s signaling traces.
Signal trace lengths and flight times are aligned with FR-4 standard specification for PCBs.
Several different PCB layout stack-up examples have been presented to illustrate a typical number of
layers, signal assignments and controlled impedance requirements. Different Device interface signals
demand more or less complexity for routing and controlled impedance stack-ups. Optimizing the PCB’s
PDN stack-up needs with all of these different types of signal interfaces will ultimately determine the final
layer count and layer assignments in each customer’s PCB design.
This guideline must be used as a supplement in complement to TI’s Application Processor, Power
Management IC (PMIC) and Audio Companion components along with other TI component technical
documentation (i.e. Technical Reference Manual, Data Manual, Data Sheets, Silicon Errata, Pin-Out
Spreadsheet, Application Notes, etc.).
NOTE
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or
statutory, including any implied warranty of merchantability of fitness for a specific purpose,
for customer boards. The data described in this appendix are intended as guidelines only.
NOTE
These PCB guidelines are in a draft maturity and consequently, are subject to change
depending on design verification testing conducted during IC development and validation.
Note also that any references to Application Processor’s ballout or pin muxing are subject to
change following the processor’s ballout maturity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com