Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 148 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 148 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 144Page - LSI Computer Systems 8101 Datasheet HTML 145Page - LSI Computer Systems 8101 Datasheet HTML 146Page - LSI Computer Systems 8101 Datasheet HTML 147Page - LSI Computer Systems 8101 Datasheet HTML 148Page - LSI Computer Systems 8101 Datasheet HTML 149Page - LSI Computer Systems 8101 Datasheet HTML 150Page - LSI Computer Systems 8101 Datasheet HTML 151Page - LSI Computer Systems 8101 Datasheet HTML 152Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 172 page
background image
6-4
Specifications
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Note:
Refer to Figure 6.1 for timing diagram.
Figure 6.1
Input Clock Timing
Table 6.2
Input Clock Timing Characteristics
Symbol
Parameter
Limit
Unit
Conditions
Min
Typ
Max
t1
SCLK cycle time
1/33
1/66
1 MHz
t2
SCLK duty cycle
40
60
%
t3
TCLK period
7.9992
8
8.0008
ns
t4
TCLK HIGH time
3.6
4.4
ns
t5
TCLK LOW time
3.6
4.4
ns
t6
TCLK to TBC delay
0
8
ns
t7
REGCLK cycle time
1/5
1/40
1 MHz
t8
REGCLK duty cycle
40
60
%
SCLK
TCLK
TBC
REGCLK
System
Interface
t1
t2
t2
t3
t4
t5
t6
t7
t8
t8
10-Bit PHY
Interface
Register
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com