Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 144 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 144 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 140Page - LSI Computer Systems 8101 Datasheet HTML 141Page - LSI Computer Systems 8101 Datasheet HTML 142Page - LSI Computer Systems 8101 Datasheet HTML 143Page - LSI Computer Systems 8101 Datasheet HTML 144Page - LSI Computer Systems 8101 Datasheet HTML 145Page - LSI Computer Systems 8101 Datasheet HTML 146Page - LSI Computer Systems 8101 Datasheet HTML 147Page - LSI Computer Systems 8101 Datasheet HTML 148Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 172 page
background image
5-18
Application Information
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
and digital VCC pins on the SerDes device should be isolated from each
other with a ferrite bead placed between the analog SerDes VCC pins
and the digital SerDes VCC pins, as shown in Figure 5.2. Decoupling
capacitors should then be placed between the SerDes device VCC pins
and GND plane, as shown in Figure 5.2 and described as follows.
For the controller and other digital devices there should be a pair of
0.1
µf and 0.001 µf decoupling capacitors connected between VCC and
GND for every four sets of VCC/GND pins placed as close as possible
to the device pins, preferably within 0.5" and evenly distributed around all
four sides of the devices. For the external SerDes device, there should
be a pair of 0.1/0.001
µf capacitors for every two sets of VCC/GND pins.
The 0.1
µf and 0.001 µf capacitors reduce the LOW and HIGH frequency
noise, respectively, on the VCC at the device.
The PCB layout and power supply decoupling discussed above should
provide sufficient decoupling to achieve the following when measured at
the device:
• The resultant AC noise voltage measured across each VCC/GND set
should be less than 100 mVpp.
• All VCCs should be within 50 mVpp of each other.
• All GNDs should be within 50 mVpp of each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com