Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 143 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 143 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 139Page - LSI Computer Systems 8101 Datasheet HTML 140Page - LSI Computer Systems 8101 Datasheet HTML 141Page - LSI Computer Systems 8101 Datasheet HTML 142Page - LSI Computer Systems 8101 Datasheet HTML 143Page - LSI Computer Systems 8101 Datasheet HTML 144Page - LSI Computer Systems 8101 Datasheet HTML 145Page - LSI Computer Systems 8101 Datasheet HTML 146Page - LSI Computer Systems 8101 Datasheet HTML 147Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 172 page
background image
Power Supply Decoupling
5-17
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
97, 135, 147, and193 of the 8101 or pins B6, D13, G14, N13, and R7 of
the 8104) be isolated from the I/O VCCs with a 2-ohm resistor between
the VCC plane and the device core VCC pins, as shown in Figure 5.2.
Figure 5.2
Decoupling Recommendations
The 2 ohm resistor will reduce the amount of noise coupling from the I/O
VCCs to the core VCCs. A resistor is recommended over a ferrite bead
because the inductance of a ferrite bead can induce noise spikes at the
device pins. Decoupling capacitors should then be placed between the
device VCC pins and GND plane, as shown in Figure 5.2 and described
as follows.
The external SerDes device that is typically connected to the 10-bit PHY
interface can also be very sensitive to noise from the VCC plane.
Recommendations from the manufacturer of the SerDes device used
should be followed. Generically, it has been found from practice that the
SerDes should be isolated from all devices on the PCB with a ferrite
bead between the VCC plane and all of the SerDes VCC pins, as shown
in Figure 5.2. In addition, it has been found from practice that the analog
VCC
[5]
Other
Devices
GND
[1]
I/O
[3]
8101/8104
GND
[1]
[1]
VCC
Core
VCC
Analog
[4]
SerDes
GND
[2]
[2]
VCC
Digital
VCC
3.3 V
Ferrite Bead
Ferrite
Bead
GND Plane
Notes:
[1]
It is recommended that a 0.1/0.001
µF pair of capacitors for every four VCCs less than 0.5 inches from
the device VCC/GND pins, evenly distributed around all four sides of the devices.
[2]
Same as Note [1] except every two VCCs.
[3]
Core VCC pins are 70, 97, 135, 147, and 193 of the 8101 or pins B6, D13, G14, N13, and R7 of the
8104. All remaining VCC pins are I/O VCCs.
[4]
These are generic recommendations for SerDes. Follow any recommendations fromthe specific
SerDes manufacturer.
[5]
This is a generic recommendation for other digital devices. Follow any recommendations from the spevific
device manufacturers.
2
Ω
Controller
VCC Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com